PART |
Description |
Maker |
19073-0244 19073-0233 19193-0105 19193-0094 19069- |
RING AVIKRIMP EXPD (C-840-56X) 5 mm2, COPPER ALLOY, RING TERMINAL 190730233 5 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (C-328-06T) 5 mm2, COPPER ALLOY, RING TERMINAL 191930094 5 mm2, COPPER ALLOY, RING TERMINAL RING KRIMPTITE (C-128-08) SPM 5 mm2, COPPER ALLOY, RING TERMINAL CONN RING TERM 1/2 10-12AWG 5 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (C-328-06) 5 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP EXPD (C-830-56X) 5 mm2, COPPER ALLOY, RING TERMINAL RING INSULKRIMP TAPED (C-230-10XT) 5 mm2, COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
19007-0032 19005-0001 19005-0015 19007-0029 19007- |
.187X.020 FIQD FLAG EXP. TAPED (BB-2224X 2 mm2, PUSH-ON TERMINAL Female Disconnect Solderless Terminal; Wire Size (AWG):18-22; Tab Width:0.250"; Insulator Color:Pink; Terminal Insulation:Nylon; Gender:Female 0.8 mm2, PUSH-ON TERMINAL .250X.032 FEM.FIQD COUPLER TP (C-2265T) 5 mm2, PUSH-ON TERMINAL CONN .187 FLAG INSUL 14-16AWG 2 mm2, PUSH-ON TERMINAL .250X.032 FIQD FLAG STRIP(AA-2220Z) RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL CONN .250 FLAG INSUL 18-22AWG 0.8 mm2, PUSH-ON TERMINAL .187X.020 FIQD FLAG (AA-2222) 0.8 mm2, PUSH-ON TERMINAL .187X.032 FIQD FLAG (BB-2225) 2 mm2, PUSH-ON TERMINAL CONN .250 MALE INSUL 14-16AWG 2 mm2, TAB TERMINAL 190070020
|
Molex, Inc. MOLEX INC
|
046746000 0467460000 |
Feed-through terminal, 4 mm2, Screw connection
|
Weidmuller
|
R1.25-3.5 WSR1.25-3 R100-12 2-M3.3 3.5-5 WS5.5-L10 |
1.65 mm2, WIRE TERMINAL 117.2 mm2, WIRE TERMINAL 2.63 mm2, WIRE TERMINAL 3.5 mm2, WIRE TERMINAL 6.64 mm2, WIRE TERMINAL 42.42 mm2, WIRE TERMINAL 242.27 mm2, WIRE TERMINAL
|
JST Mfg. Co., Ltd. J S T MFG CO LTD
|
YA30L-TC58-FX YA40L-TC12-FX-45 YA30L-TC58-FX-45 YA |
120 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 400 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 150 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 240 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 185 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
|
19008-0001 19009-0004 19008-0006 |
.187X.020 FLAG QD KRIMPTITE (AA-1147) 22 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FLAG QD VIBRAKRIMP (AA-4170-03 22 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190080006 22 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL
|
Molex, Inc.
|
YAZ6C-2TC38E6-45 YAZ6C-2TC38E6-90 YAZ2C-2TC10E2 YA |
16 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 35 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 95 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 70 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 16 mm2, WIRE TERMINAL 185 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 150 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Rohm Co., Ltd. KEC Holdings NIC Components, Corp. Everlight Electronics Co., Ltd. NXP Semiconductors N.V.
|
35711-0810 |
TERMINAL 0.52 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL
|
Molex, Inc.
|
STO-01T-187N-8 STO-01-187N STO-01-187N-8 SFO-61T-2 |
0.5 mm2, BRASS, TIN FINISH, WIRE TERMINAL 0.5 mm2, BRASS, WIRE TERMINAL 2 mm2, BRASS, TIN FINISH, WIRE TERMINAL 3.5 mm2, BRASS, TIN FINISH, WIRE TERMINAL 2 mm2, BRASS, TIN FINISH, TAB TERMINAL 1.25 mm2, BRASS, TIN FINISH, WIRE TERMINAL 0.75 mm2, BRASS, TIN FINISH, WIRE TERMINAL
|
JST Mfg. Co., Ltd. J S T MFG CO LTD
|
19723-4400 19723-4402 |
.180 RECEP STRIP UNPLT 6M/REEL (19723440 2 mm2, BRASS, WIRE TERMINAL .180 RECEP STRIP PLT 6M/REEL (197234402) 2 mm2, BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
3-455888-2 3-455888-7 |
Ocean side-feed applicators are available with either a mechanical feed, air feed, or servo feed system
|
TE Connectivity Ltd
|
|